Part Number Hot Search : 
BC847B MAX3172 3X221 AD5541AR AD5541AR X25057 56F8023 02018
Product Description
Full Text Search
 

To Download BTC4081S3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose NPN Epitaxial Planar Transistor
Spec. No. : C202S3 Issued Date : 2002.05.11
Revised Date : 2002.11.26 Page No. : 1/4
BTC4081S3
Description
* The BTC4081S3 is designed for using in driver stage of AF amplifier and general purpose amplification. * Low Cob. Typ. Cob=2.0pF * Complementary to BTA1576S3 .
Equivalent Circuit
BTC4081S3 SOT-323
BBase CCollector EEmitter
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd Tj Tstg Limits 60 50 7 150 225 150 -55~+150 Unit V V V mA mW C C
BTC4081S3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *hFE fT Cob Min. 60 50 7 120 80 Typ. 0.2 180 2 Max. 0.1 0.1 0.4 820 3.5 Unit V V V uA uA V MHz pF
Spec. No. : C202S3 Issued Date : 2002.05.11
Revised Date : 2002.11.26 Page No. : 2/4
Test Conditions IC=100uA IC=1mA IE=50uA VCB=60V VEB=7V IC=50mA, IB=5mA VCE=6V, IC=1mA VCE=12V, IC=2mA, f=100MHz VCB=12V, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Classification Of hFE
Rank Range Q 120-270 R 180-390 S 270-560 T 410-820
BTC4081S3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current 1000 HFE@VCE=6V
Saturation Voltage-(mV) 1000
Spec. No. : C202S3 Issued Date : 2002.05.11
Revised Date : 2002.11.26 Page No. : 3/4
Saturation Voltage vs Collector Current
Current Gain---HFE
VCE(SAT)@IC=10IB
100
100 0.1 1 10 100 1000 Collector Current--- IC(mA)
10 0.1 1 10 100 1000 Collector Current--- IC(mA)
Saturation Voltage vs Collector Current 1000
Cutoff Frequency---FT(GHZ) 1
Cutoff Frequency vs Collector Current
Saturation Voltage---(mV)
VBE(SAT)@IC=10IB
FT@VCE=12V
100 0.1 1 10 100 1000 Collector Current ---IC(mA)
0.1 1 10 Collector Current---IC(mA) 100
PD - Ta 250 Power Dissipation---PD(mW) 200 150 100 50 0 0 50 100 150 200 Ambient Temperature ---Ta( )
BTC4081S3
CYStek Product Specification
CYStech Electronics Corp.
SOT-323 Dimension
Spec. No. : C202S3 Issued Date : 2002.05.11 Revised Date : 2002.11.26 Page No. : 4/4
3
A
Marking:
A1 Q Lp
detail Z W B
C
1 e1 e D bp
2
TE 1F
E
A
Z
He
0 1 scale 2 mm
3-Lead SOT-323 Pastic Surface Mounted Package CYStek Package Code: S3
v A
Style: Pin 1.Base 2.Emitter 3.Collector
*: Typical
DIM A A1 bp C D E e
Inches Min. Max. 0.0315 0.0433 0.0000 0.0039 0.0118 0.0157 0.0039 0.0098 0.0709 0.0866 0.0453 0.0531 0.0512 -
Millimeters Min. Max. 0.80 1.10 0.00 0.10 0.30 0.40 0.10 0.25 1.80 2.20 1.15 1.35 1.3 -
DIM e1 He Lp Q v w
Inches Min. Max. 0.0256 0.0787 0.0886 0.0059 0.0177 0.0051 0.0091 0.0079 0.0079 -
Millimeters Min. Max. 0.65 2.00 2.25 0.15 0.45 0.13 0.23 0.2 0.2 10 0
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTC4081S3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTC4081S3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X